Part Number Hot Search : 
STB100N FD1617NP F12P5 68HC70 P0641SL BU2720DX 100LT OP215
Product Description
Full Text Search
 

To Download KTX401U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
GENERAL PURPOSE APPLICATION. ULTRA HIGH SPEED SWITCHING APPLICATION. FEATURES
Including two(TR, Diode) devices in USV. (Ultra Super Mini type with 5 leads) Simplify circuit design. Reduce a quantity of parts and manufacturing process.
KTX401U
EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
B B1 1 5
2
3
4
D
DIM A A1 B
B1 C D G H
MILLIMETERS _ 2.00 + 0.20 _ 1.3 + 0.1 _ 2.1 + 0.1 _ 1.25 + 0.1
0.65 0.2+0.10/-0.05 0-0.1 _ 0.9 + 0.1 0.15+0.1/-0.05
A1 C
EQUIVALENT CIRCUIT (TOP VIEW) Marking 5 4
Type Name
5 4
A
C
H
T G
T
D1
Q1
CD
1 2 3
1 2 3
1. D 1 2. Q 1 3. Q 1 4. Q 1 5. D 1
ANODE EMITTER BASE COLLECTOR CATHODE
MARK SPEC
Type Mark KTX401U Q1 hFE Rank : Y CD KTX401U Q1 hFE Rank : GR CE
USV
MAXIMUM RATINGS (Ta=25
TRANSISTOR Q1 CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Emitter Current Collector Power Dissipation Junction Temperature Storage Temperature Range DIODE D1 CHARACTERISTIC Maximum (Peak) Reverse Voltage Reverse Voltage Maximum (Peak) Forward Current Average Forward Current Surge Current (10mS) Power Dissipation Junction Temperature Storage Temperature Range
)
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg RATING 60 50 5 150 30 100 150 -55~150 UNIT V V
SYMBOL VRM VR IFM IO IFSM PD Tj Tstg
RATING 85 80 300 100 2 150 -55 150
UNIT V V
A
2002. 1. 24
Revision No : 3
1/2
KTX401U
ELECTRICAL CHARACTERISTICS (Ta=25 )
TRANSISTOR Q1 CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Transition Frequency Collector Output Capacitance Noise Figure Note) hFE Classification Y(4):120~240, SYMBOL ICBO IEBO hFE (Note) VCE(SAT) fT Cob NF GR:200~400. TEST CONDITION VCB=60V, IE=0 VEB=5V, IC=0 VCE=6V, IC=2 IC=100 , IB=10 VCE=10V, IC=1 VCB=10V, IE=0, f=1 VCE=6V, IC=0.1 , f=1 , Rg=10 MIN. 120 80 TYP. 0.1 2.0 1.0 MAX. 0.1 0.1 400 0.25 3.5 10 dB V UNIT
DIODE D1 CHARACTERISTIC SYMBOL VF(1) Forward Voltage VF(2) VF(3) Reverse Current Total Capacitance Reverse Recovery Time IR CT trr IF=1mA IF=10mA IF=100mA VR=80V VR=0, f=1 IF=10 TEST CONDITION MIN. TYP. 0.60 0.72 0.90 0.9 1.6 MAX. 1.20 0.5 3.0 4.0 V UNIT
2002. 1. 24
Revision No : 3
2/2


▲Up To Search▲   

 
Price & Availability of KTX401U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X